PART |
Description |
Maker |
HEDM-6500-T08 HEDM-6500-U13 HEDM-6500-T06 HEDM-650 |
128 x 128 pixel format, LED or EL Backlight available Large Diameter (56 mm), Housed Two and Three Channel Optical Enco 大口径(56毫米),外套二及中三通道光学恩科 240 x 64 pixel format, CFL, LED, or EL Backlight available 大口径(56毫米),外套二及中三通道光学恩科 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent(Hewlett-Packard) Agilent Technologies, Inc. NXP Semiconductors N.V. AGILENT TECHNOLOGIES INC Agilent(Hewlett-Packard...
|
DS1340C-3 DS1340C-18 DS1340U-33 DS1340U-18 DS1340C |
I2C RTC with Trickle Charger 128 x 128 pixel format, LED or EL Backlight available REAL TIME CLOCK, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
Q67050-T0009 BSP300 Q67050-T0017 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 128 x 128 pixel format, LED or EL Backlight available
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
29400 A29400UV-90 A29400TV-90 A29400UM-90 A29400TM |
64K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 1760A CALIBRATED BY NEWARK SERVICES 12k × 8 256 × 16位的CMOS 5.0伏只,引导扇区闪 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 5.0伏只,引导扇区闪 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight LOGIC PROBE 20MHZ 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only / Boot Sector Flash Memory
|
AMIC Technology, Corp. AMIC Technology Corporation
|
SK33-T1 SK33-T3 S310-T3 S310-T1 SK32 SK32-T1 SK32- |
128 x 128 pixel format, LED or EL Backlight available 3.0A的表面贴装肖特基整流 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A的表面贴装肖特基整流
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
QR1210T30 |
128 x 128 pixel format, LED or EL Backlight available 快速恢复二极管模块00 Amp/1200伏特 Fast Recovery Diode Module (100 Amp/1200 Volts)
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
QRC1420T30 QRF1420T30 QRS1420T30 QR1420T30 QRD1420 |
128 x 128 pixel format, LED or EL Backlight available 快速恢复二极管模块00 Amp/1400伏特 Fast Recovery Diode Module (200 Amp/1400 Volts)
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
AT93C56A AT93C56A-10PI-1.8 AT93C56A-10PI-2.7 AT93C |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available ER 4C 4#16 SKT PLUG Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-10 RoHS Compliant: No 3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
2SC4570 2SC4570-T1 2SC4570-T2 2SC4570T74-T2 2SC457 |
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD NPN硅外延晶体管超小型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 128 x 128 pixel format, LED or EL Backlight available
|
NEC, Corp. NEC Corp. NEC[NEC]
|
QRF1410T30 QRD1410T30 QR1410T30 QRC1410T30 |
Fast Recovery Diode Module (100 Amp/1400 Volts) 61 A, 1400 V, SILICON, RECTIFIER DIODE 128 x 128 pixel format, LED or EL Backlight available 快速恢复二极管模块100 Amp/1400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
CT30TM-8 |
128 x 64 pixel format, LED Backlight available 130 A, 400 V, N-CHANNEL IGBT, TO-220F MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR STROBE FLASHER USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
CM100TJ-12F |
128 x 64 pixel format, LED or EL Backlight available 100 A, 600 V, N-CHANNEL IGBT Trench Gate Design 100 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|